Part Number Hot Search : 
KM616 A9N18468 SP312ECA IRFP4127 75000 GSYBA 43CTQ080 2SK3405
Product Description
Full Text Search
 

To Download LT3837NBSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT3837 Isolated No-Opto Synchronous Flyback Controller FEATURES

DESCRIPTION
The LT(R)3837 is an isolated switching regulator controller designed for medium power flyback topologies. A typical application is 10W to 60W with the part powered from a DC supply. The LT3837 is a current mode controller that regulates an output voltage based on sensing the secondary voltage via a transformer winding during flyback. This allows for tight output regulation without the use of an optoisolator, improving dynamic response and reliability. Synchronous rectification increases converter efficiency and improves output cross regulation in multiple output converters. The LT3837 operates in forced continuous conduction mode which improves cross regulation in multiple winding applications. Switching frequency is user programmable and can be externally synchronized. The part also has load compensation, undervoltage lockout and soft-start circuitry. The LT3837 is available in a thermally enhanced 16-pin TSSOP package.
Efficiency vs Load Current
90 88 86

Senses Output Voltage Directly from Primary Side Winding--No Optoisolator Required Synchronous Driver for High Efficiency Supply Voltage Range 4.5V to 20V Accurate Regulation Without User Trims Programmable Switching Frequency from 50kHz to 250kHz Synchronizable Load Compensation Undervoltage Lockout Available in a Thermally Enhanced 16-Lead TSSOP Package
APPLICATIONS

Isolated Medium Power (10W to 60W) Supplies Instrumentation Power Supplies Isolated Medical Supplies
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners. Protected by U.S. Patents including 6498466, 5841643.
TYPICAL APPLICATION
9V -18V to 3.3V at 10A Isolated Converter
22.1k BAS16
9VIN
18VIN
VIN
10F
EFFICIENCY (%)
84 82 80 78 76 2
2N3906
100nH OUTPUT 3.3V/10A
VCC FB UVLO LT3837 OSC
100k
10
3k
1nF
20k 3.3nF
150k
VC
47pF
15k
SFST tON ENDLY PGDLY RCMP CCMP
Si7336ADP
PG SENSE+
Si7852DP
12k
8m
OUTPUT (V)
1.37k
SENSE- SG
330
0.1F
0.1F
2.2nF
GND
*
*
10k
*
B0540W 10
FMMT618 FMMT718
*
22F
86.6k
2.2nF
47F x 3
220F
3
4
5 8 7 6 LOAD CURRENT (A)
9
10
3837 TA01b
1F
Regulation vs Load Current
3.60 3.50 3.40
9VIN
3.30 3.20 3.10
15
18VIN
BAT54
3837 TA01
3.00
2
3
4
5 8 7 6 LOAD CURRENT (A)
9
10
3837 TA01c
3837f
1
LT3837 ABSOLUTE MAXIMUM RATINGS
(Note 1)
PACKAGE/ORDER INFORMATION
TOP VIEW SG VCC tON ENDLY SYNC SFST OSC FB 1 2 3 4 5 6 7 8 17 16 PG 15 PGDLY 14 RCMP 13 CCMP 12 SENSE+ 11 SENSE- 10 UVLO 9 VC
VCC to GND ................................................ -0.3V to 22V UVLO, SYNC Pin Voltage ............................-0.3V to VCC SENSE-, SENSE+ Pin Voltage ......................-0.5V, +0.5V FB Pin Current........................................................2mA VC Pin Current........................................................1mA Operating Junction Temperature Range (Notes 2, 3) .......................................... -40C to 125C Storage Temperature Range................... -65C to 150C Lead Temperature (Soldering, 10 sec) .................. 300C
FE PACKAGE 16-LEAD PLASTIC TSSOP TJMAX = 125C, JA = 40C/W, JC = 10C/W EXPOSED PAD (PIN 17) IS GND,MUST BE SOLDERED TO PCB
ORDER PART NUMBER LT3837EFE
FE PART MARKING 3837EFE
Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF Lead Free Part Marking: http://www.linear.com/leadfree/ Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
PARAMETER Power Supply VCC Operating Range VCC Supply Current (ICC) (Note 5) VCC Shutdown Current Feedback Amplifier Feedback Regulation Voltage (VFB) Feedback Pin Input Bias Current Feedback Amplifier Transconductance Feedback Amplifier Source or Sink Current Feedback Amplifier Clamp Voltage Reference Voltage/Current Line Regulation Feedback Amplifier Voltage Gain Soft-Start Charging Current Soft-Start Discharge Current Control Pin Threshold (VC)
The denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25C. VCC = 14V; PG, SG Open; VC = 1.4V, VSENSE = 0, RCMP = 1k, RTON = 90k, RPGDLY = 27.4k, RENDLY = 90k, unless otherwise specified.
CONDITIONS
MIN 4.5 4
TYP
MAX 20
UNITS V mA A V nA mho A V V
VC = Open VC = Open, VUVLO = OV

6.4 50
10 150 1.251 1400 90
1.220 700 25
1.237 200 1000 55 2.56 0.84
RCMP Open IC = 10A VFB = 0.9 VFB = 1.4 12V VIN 18V VC = 1V to 2V VSFST = 0V VSFST = 1.5V, VUVLO = 0V Duty Cycle = Min 16 0.7

0.005 1400 20 1.3 1.0
0.05 25
%V V/V A mA V
3837f
2
LT3837 ELECTRICAL CHARACTERISTICS
PARAMETER Gate Outputs PG, SG Output High Level PG, SG Output Low Level PG, SG Output Shutdown Strength PG Rise Time SG Rise Time PG, SG Fall Time Current Amplifier Switch Current Limit at Maximum VC VSENSE/VC Sense Voltage Overcurrent Fault Voltage Timing Switching Frequency (fOSC) Oscillator Capacitor Value (COSC) Minimum Switch On Time (tON(MIN)) Flyback Enable Delay Time (tED) PG Turn-On Delay Time (tPGDLY) Maximum Switch Duty Cycle SYNC Pin Threshold SYNC Pin Input Resistance Load Compensation Load Comp to VSENSE Offset Voltage Feedback Pin Load Compensation Current UVLO Function UVLO Pin Threshold (VUVLO) UVLO Pin Bias Current VUVLO = 1.2V VUVLO = 1.3V

The denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25C. VCC = 14V; PG, SG Open; VC = 1.4V, VSENSE = 0, RCMP = 1k, RTON = 90k, RPGDLY = 27.4k, RENDLY = 90k, unless otherwise specified.
CONDITIONS MIN 6.6 TYP 7.4 0.01 1.6 11 15 10
MAX 8.0 0.05 2.3
UNITS V V V ns ns ns
VUVLO = 0V; IPG, ISG = 20mA CPG = 1nF CSG = 1nF CPG, CSG = 1nF VSENSE + VSENSE +, VSFST < 1V COSC = 100pF (Note 6)
88
98 0.07 206
110 230 110 200
mV V/V mV kHz pF ns ns ns %
84 33
100 200 265 200
85
88 1.53 40 2.1
V k mV A
VRCMP with VSENSE+ = 0 VSENSE+ = 20mV 1.215 -0.25 -4.50
0.8 20 1.240 0.1 -3.4 1.265 0.25 -2.50
V A A
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: This IC includes overtemperature protection that is intended to protect the device during momentary overload conditions. Junction temperature will exceed 125C when overtemperature protection is active. Continuous operation above the specified maximum operating junction temperature may impair device reliability.
Note 3: The LT3837E is guaranteed to meet performance specifications from 0C to 85C. Specifications over the -40C to 125C operating junction temperature range are assured by design, characterization and correlation with statistical process controls. Note 4: TJ is calculated from the ambient temperature TA and power dissipation PD according to the following formula: TJ = TA + (PD * 40C/W) Note 5: Supply current does not include gate charge current to the MOSFETs. See Applications Information. Note 6: Component value range guaranteed by design.
3837f
3
LT3837 TYPICAL PERFORMANCE CHARACTERISTICS
VCC Shutdown Current vs Temperature
90 80 70 VCC CURRENT (A) 60 50 40 30 20 10 0 -50 -25 50 25 75 0 TEMPERATURE (C) 100 125 VCC = 14V IVCC (mA) 8 7 6 5 4 VCC = 14V 3 50 -50 -25 25 75 0 TEMPERATURE (C) STATIC PART CURRENT VUVLO = 0 10 9 DYNAMIC CURRENT CPG CSG = 1nF, fOSC = 100kHz SENSE VOLTAGE (mV)
VCC Current vs Temperature
SENSE Voltage vs Temperature
110 108 106 104 102 100 98 96 94 92 100 125 90 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125 FB = 1.1V SENSE = VSENSE+ WITH VSENSE- = 0V
3837 G02
3837 G03
3837 G04
SENSE Fault Voltage vs Temperature
220 SENSE = VSENSE+ - 215 WITH VSENSE = 0V VSENSE+ - VSENSE- (mV) 210 fOSC (kHz) 205 200 195 190 185 180 -50 -25 0 50 75 25 TEMPERATURE (C) 100 125 110 108 106 104 102 100 98 96 94 92
Oscillator Frequency vs Temperature
COSC = 100pF 1.240 1.239 1.238 1.237 VFB (V) 1.236 1.235 1.234 1.233 1.232 1.231 50 25 0 75 TEMPERATURE (C) 100 125
VFB vs Temperature
90 -50 -25
1.230 -50 -25
50 25 0 75 TEMPERATURE (C)
100
125
3837 G05
3837 G06
3837 G07
Feedback Pin Input Bias vs Temperature
300 FEEDBACK PIN INPUT BIAS (nA) 250 200 150 100 50 0 -50 -25 1.04 1.03 1.02 VFB RESET (V)
VFB Reset vs Temperature
70 50 30 IVC (A) 10 -10 -30 -50 -70
Feedback Amplifier Output Current vs VFB
125C 25C -40C
1.01 1.00 0.99 0.98 0.97
50 25 75 0 TEMPERATURE (C)
100
125
0.96 -50 -25
0
50 75 25 TEMPERATURE (C)
100
125
0.9
1
1.1
1.2 VFB (V)
1.3
1.4
1.5
3837 G10
3837 G08
3837 G09
3837f
4
LT3837 TYPICAL PERFORMANCE CHARACTERISTICS
Feedback Amplifier Source and Sink Current vs Temperature
70 65 60 IVC (A) 55 50 950 45 40 -50 900 -50 SOURCE CURRENT VFB = 1.1V SINK CURRENT VFB = 1.4V 1100
Feedback Amplifier gm vs Temperature
1700 1650 1600 1050 gm (mho) 1550 1500 1000 AV (V/V) 1450 1400 1350 1300 1250 1200 1150
Feedback Amplifier Voltage Gain vs Temperature
-25
50 25 75 0 TEMPERATURE (C)
100
125
-25
0 25 50 75 TEMPERATURE (C)
100
125
1100 -50 -25
0
50 75 25 TEMPERATURE (C)
100
125
3837 G11
3837 G12
3837 G13
UVLO vs Temperature
1.250 1.245 1.240 IUVLO (A) UVLO (V) 1.235 3.7 3.6 3.5 3.4 3.3 3.2 3.1
IUVLO Hysteresis vs Temperature
0.90 0.85 0.80 0.75 VUVLO (A) 0.70 0.65 0.60 0.55 0.50 0.45 50 25 75 0 TEMPERATURE (C) 100 125
UVLO Shutdown Threshold vs Temperature
VCC = 14V
1.230 1.225 1.220 -50 -25
50 25 75 0 TEMPERATURE (C)
100
125
3.0 -50 -25
0.40 -50 -25
50 25 75 0 TEMPERATURE (C)
100
125
3837 G14
3837 G15
3837 G15a
Soft-Start Charge Current vs Temperature
24 23 SFST CHARGE CURRENT (A) 22 TIME (ns) 21 20 19 18 17 16 -50 -25 0 50 75 25 TEMPERATURE (C) 100 125 80 70 60
PG, SG Rise and Fall Times vs Load Capacitance
TA = 25C 340 330 320 FALL TIME tON(MIN) (ns) 310 300 290 280 270 0 1 2 34567 CAPACITANCE (nF) 8 9 10
Minimum On-Time vs Temperature
RtON(MIN) = 158k
50 40 30 20 10 0
RISE TIME
260 -50 -25
0
50 75 25 TEMPERATURE (C)
100
125
3837 G16
3837 G17
3837 G19
3837f
5
LT3837 TYPICAL PERFORMANCE CHARACTERISTICS
PG Delay Time vs Temperature
300 250 200 tPG (ns) 150 100 50 0 -50 -30 -10 10 30 50 70 TEMPERATURE (C) RPGDLY = 16.7k MINIMUM ENABLE TIME (ns) RPGDLY = 27.4k 260 240 220 200 180 160 140 -50 -25
Enable Delay Time vs Temperature
RENDLY = 90k
90 110
3837 G20
50 25 75 0 TEMPERATURE (C)
100
125
3837 G21
PIN FUNCTIONS
SG (Pin 1): Synchronous gate drive output. This pin provides an output signal for a secondary-side synchronous switch. Large dynamic currents may flow during voltage transitions. See the Applications Information for details. VCC (Pin 2): Supply voltage pin. Bypass this pin to ground with a 4.7F capacitor or more. tON (Pin 3): Pin for external programming resistor to set the minimum time that the primary switch is on for each cycle. Minimum turn-on facilitates the isolated feedback method. See Applications Information for details. ENDLY (Pin 4): Pin for external programming resistor to set enable delay time. The enable delay time disables the feedback amplifier for a fixed time after the turn-off of the primary-side MOSFET. This allows the leakage inductance voltage spike to be ignored for flyback voltage sensing. See Applications Information for details. SYNC (Pin 5): Pin for synchronizing the internal oscillator with an external clock. The positive edge on a pulse causes the oscillator to discharge causing PG to go low (off) and SG high (on). The sync threshold is typically 1.4V. See Applications Information for details. Tie to ground if unused. SFST (Pin 6): This pin, in conjunction with a capacitor to ground, controls the ramp-up of peak primary current as sensed through the sense resistor. This is used to control converter inrush current at start-up. The VC pin voltage cannot exceed the SFST pin voltage, so as SFST increases, the maximum voltage on VC increases commensurately, allowing higher peak currents. Total VC ramp time is approximately 70ms per F of capacitance. Leave pin open if not using the soft-start function. OSC (Pin 7): This pin in conjunction with an external capacitor defines the controller oscillator frequency. The frequency is approximately 100kHz * 100/COSC(pF). FB (Pin 8): Pin for the feedback node for the power supply feedback amplifier. Feedback is sensed via a transformer winding and enabled during the flyback period. This pin also sinks additional current to compensate for load current variation as set by the RCMP pin. Keep the Thevenin equivalent resistance of the feedback divider at roughly 3k. VC (Pin 9): Pin used for frequency compensation for the switcher control loop. It is the output of the feedback amplifier and the input to the current comparator. Switcher frequency compensation components are normally placed on this pin to ground. The voltage on this pin is proportional to the peak primary switch current. The feedback amplifier output is enabled during the synchronous switch on time.
3837f
6
LT3837 PIN FUNCTIONS
UVLO (Pin 10): A resistive divider from VIN to this pin sets an undervoltage lockout based upon VIN level (not VCC). When the UVLO pin is below its threshold, the gate drives are disabled, but the part draws its normal quiescent current from VCC. The VCC undervoltage lockout supersedes this function so VCC must be great enough to start the part. The bias current on this pin has hysteresis such that the bias current is sourced when the UVLO threshold is exceeded. This introduces a hysteresis at the pin equivalent to the bias current change times the impedance of the upper divider resistor. The user can control the amount of hysteresis by adjusting the impedance of the divider. See the Applications Information for details. Tie the UVLO pin to VCC if you are not using this function. SENSE- (Pin 11), SENSE+ (Pin 12): These pins are used to measure primary side switch current through an external sense resistor. Peak primary side current is used in the converter control loop. Make Kelvin connections to the sense resistor to reduce noise problems. SENSE- connects to the ground side. At maximum current (VC at its maximum voltage) it has a 98mV threshold. The signal is blanked (ignored) during the minimum turn-on time. CCMP (Pin 13): Pin for external filter capacitor for the optional load compensation function. Load compensation reduces the effects of parasitic resistances in the feedback sensing path. A 0.1F ceramic capacitor suffices for most applications. Short this pin to GND in less demanding applications that don't require load compensation. RCMP (Pin 14): Pin for optional external load compensation resistor. Use of this pin allows for nominal compensation of parasitic resistances in the feedback sensing path. In less demanding applications, this resistor is not needed and this pin can be left open. See Applications Information for details. PGDLY (Pin 15): Pin for external programming resistor to set delay from synchronous gate turn-off to primary gate turn-on. See Applications Information for details. PG (Pin 16): Gate drive pin for the primary side MOSFET Switch. Large dynamic currents flow during voltage transitions. See the Applications Information for details. GND (Exposed Pad, Pin 17): This is the ground connection for both signal ground and gate driver grounds. This GND should be connected to the PCB ground plane for electrical contact and rated thermal performance. Careful attention must be paid to ground layout. See Applications Information for details.
3837f
7
LT3837 BLOCK DIAGRAM
2 VCC CLAMPS
+ -
INTERNAL REGULATOR
0.7 1.3 1.25V 3V S R
FB
8
- +
Q Q
ERROR AMP VC 9
1.25V REFERENCE (VFB) DISABLE
0.8V
+ -
COLLAPSE DETECT
10
TSD
CURRENT TRIP SENSE+ RCMPF 50k CCMP
SLOPE COMPENSATION 7 OSC OSCILLATOR SET ENABLE
5 3 15 4
SYNC tON PGDLY ENDLY LOGIC BLOCK
+
-
LOAD COMPENSATION
TO FB GATE DRIVE VCC
PGATE SGATE
+ -
3V VCC GATE DRIVE SG GND 1 17
8
-
+
-
CURRENT COMPARATOR
+
+
+
UVLO
UVLO 1V
OVERCURRENT FAULT SENSE- CURRENT SENSE AMP 11
+
SFST 6 12 13 RCMP 14 PG 16
3837 BD
-
-
-
3837f
LT3837 FLYBACK FEEDBACK AMPLIFIER
VFLBK LT3837 FEEDBACK AMP 8 R2 FB 1V VFB 1.25V FLYBACK
T1
R1
- +
*
VCC 9 CVC VIN PRIMARY MP MS
* *
SECONDARY
COUT
ISOLATED OUTPUT
TIMING DIAGRAM
PRIMARY SIDE MOSFET DRAIN VOLTAGE
PG VOLTAGE
SG VOLTAGE tON MIN ENABLE FEEDBACK AMPLIFIER ENABLED PG DELAY
3825 TD
+
-
COLLAPSE DETECT R ENABLE S Q
3837 FFA
VIN
VFLBK VIN
0.8 * VFLBK
ENABLE DELAY
3837f
9
LT3837 OPERATION
The LT3837 is a current mode switcher controller IC designed specifically for use in an isolated flyback topology employing synchronous rectification. The LT3837 operation is similar to traditional current mode switchers. The major difference is that output voltage feedback is derived via sensing the output voltage through the transformer. This precludes the need of an optoisolator in isolated designs greatly improving dynamic response and reliability. The LT3837 has a unique feedback amplifier that samples a transformer winding voltage during the flyback period and uses that voltage to control output voltage. The internal blocks are similar to many current mode controllers. The differences lie in the flyback feedback amplifier and load compensation circuitry. The logic block also contains circuitry to control the special dynamic requirements of flyback control. See Application Note 19 for more information on the basics of current mode switcher/controllers and isolated flyback converters. Feedback Amplifier--Pseudo DC Theory For the following discussion refer to the simplified Flyback Feedback Amplifier diagram. When the primary side MOSFET switch MP turns off, its drain voltage rises above the VIN rail. Flyback occurs when the primary MOSFET is off and the synchronous secondary MOSFET is on. During flyback the voltage on nondriven transformer pins is determined by the secondary voltage. The amplitude of this flyback pulse as seen on the third winding is given as: VFLBK = VOUT + ISEC * ESR + RDS(ON) N SF amplifier then compares the voltage to the internal bandgap reference. The feedback amp is actually a transconductance amplifier whose output is connected to VC only during a period in the flyback time. An external capacitor on the VC pin integrates the net feedback amp current to provide the control voltage to set the current mode trip point. The regulation voltage at the FB pin is nearly equal to the bandgap reference VFB because of the high gain in the overall loop. The relationship between VFLBK and VFB is expressed as: VFLBK = R1+ R2 * VFB R2
Combining this with the previous VFLBK expression yields an expression for VOUT in terms of the internal reference, programming resistors and secondary resistances: R1+ R2 VOUT = * VFB * NSF - ISEC * ESR + RDS(ON) R2 Rearranging yields the equation for R1.
(
)
V + I * ESR + R OUT SEC DS(ON) R1= R2 * - 1 (NSF )( VFB ) The effect of nonzero secondary output impedance is discussed in further detail; see Load Compensation Theory. The practical aspects of applying this equation for VOUT are found in the Applications Information. Feedback Amplifier Dynamic Theory So far, this has been a pseudo-DC treatment of flyback feedback amplifier operation. But the flyback signal is a pulse, not a DC level. Provision must be made to enable the flyback amplifier only when the flyback pulse is present. This is accomplished by the "Enable" line in the diagram. Timing signals are then required to enable and disable the flyback amplifier. There are several timing signals which are required for proper LT3837 operation. Please refer to the Timing Diagram.
(
)
(
)
RDS(ON) = on resistance of the synchronous MOSFET MS ISEC = transformer secondary current ESR = impedance of secondary circuit capacitor, winding and traces NSF = transformer effective secondary-to-feedback winding turns ratio (i.e., NS/NFLBK) The flyback voltage is then scaled by an external resistive divider R1/R2 and presented at the FB pin. The feedback
3837f
10
LT3837 OPERATION
Minimum Output Switch On-Time (tON(MIN)) The LT3837 affects output voltage regulation via flyback pulse action. If the output switch is not turned on, there is no flyback pulse and output voltage information is not available. This causes irregular loop response and start-up/latch-up problems. The solution is to require the primary switch to be on for an absolute minimum time per each oscillator cycle. If the output load is less than that developed under these conditions, forced continuous operation normally occurs. See Applications Information for further details. Enable Delay (ENDLY) The flyback pulse appears when the primary side switch shuts off. However, it takes a finite time until the transformer primary side voltage waveform represents the output voltage. This is partly due to rise time on the primary side MOSFET drain node but, more importantly, is due to transformer leakage inductance. The latter causes a voltage spike on the primary side, not directly related to output voltage. Some time is also required for internal settling of the feedback amplifier circuitry. In order to maintain immunity to these phenomena, a fixed delay is introduced between the switch turn-off command and the enabling of the feedback amplifier. This is termed "enable delay." In certain cases where the leakage spike is not sufficiently settled by the end of the enable delay period, regulation error may result. See Applications Information for further details. Collapse Detect Once the feedback amplifier is enabled, some mechanism is then required to disable it. This is accomplished by a collapse detect comparator, which compares the flyback voltage (FB referred) to a fixed reference, nominally 80% of VFB. When the flyback waveform drops below this level, the feedback amplifier is disabled. Minimum Enable Time The feedback amplifier, once enabled, stays enabled for a fixed minimum time period termed "minimum enable time." This prevents lockup, especially when the output voltage is abnormally low; e.g., during start-up. The minimum enable time period ensures that the VC node is able to "pump up" and increase the current mode trip point to the level where the collapse detect system exhibits proper operation. This time is internally set. Effects of Variable Enable Period The feedback amplifier is enabled during only a portion of the cycle time. This can vary from the fixed minimum enable time described to a maximum of roughly the "off" switch time minus the enable delay time. Certain parameters of flyback amp behavior are directly affected by the variable enable period. These include effective transconductance and VC node slew rate. Load Compensation Theory The LT3837 uses the flyback pulse to obtain information about the isolated output voltage. An error source is caused by transformer secondary current flow through the synchronous MOSFET RDS(ON) and real life nonzero impedances of the transformer secondary and output capacitor. This was represented previously by the expression "ISEC * (ESR + RDS(ON))." However, it is generally more useful to convert this expression to effective output impedance. Because the secondary current only flows during the off portion of the duty cycle (DC), the effective output impedance equals the lumped secondary impedance divided by OFF time DC. Since the OFF time duty cycle is equal to 1 - DC then: RS(OUT) = where: RS(OUT) = effective supply output impedance DC = duty cycle RDS(ON) and ESR are as defined previously This impedance error may be judged acceptable in less critical applications, or if the output load current remains relatively constant. In these cases the external FB resistive divider is adjusted to compensate for nominal expected error. In more demanding applications, output impedance error is minimized by the use of the load compensation function.
3837f
ESR + RDS(ON) 1- DC
11
LT3837 OPERATION
VFLBK T1
Average primary side current is expressed in terms of output current as follows: IIN = K1* IOUT where : V K1= OUT VIN * Eff So the effective change in VOUT target is: VOUT = K1* IOUT * RSENSE * R1* NSF RCMP
R1
FB 8 Q1 Q2 VFB VIN
* * *
R2
LOAD COMP I
+
Q3 A1
MP RCMPF + 50k SENSE 12
-
14 RCMP
13 CCMP
RSENSE
3837 F01
thus : VOUT R = K1* SENSE * R1* NSF IOUT RCMP where: K1 = dimensionless variable related to VIN, VOUT and efficiency as explained above RSENSE = external sense resistor Nominal output impedance cancellation is obtained by equating this expression with RS(OUT): K1 * ESR + RDS(ON) RSENSE * R1* NSF = RCMP 1- DC RSENSE * (1- DC) * R1* NSF ESR + RDS(ON)
Figure 1. Load Compensation Diagram
Figure 1 shows the block diagram of the load compensation function. Switch current is converted to voltage by the external sense resistor, averaged and lowpass filtered by the internal 50k resistor RCMPF and the external capacitor on CCMP. This voltage is then impressed across the external RCMP resistor by op amp A1 and transistor Q3. This produces a current at the collector of Q3 that is subtracted from the FB node. This action effectively increases the voltage required at the top of the R1/R2 feedback divider to achieve equilibrium. The average primary side switch current increases to maintain output voltage regulation as output loading increases. The increase in average current increases the RCMP resistor current which affects a corresponding increase in sensed output voltage, compensating for the IR drops. Assuming a relatively fixed power supply efficiency, Eff, power balance gives: POUT = Eff * PIN VOUT * IOUT = Eff * VIN * IIN
Solving for RCMP gives: RCMP = K1*
The practical aspects of applying this equation to determine an appropriate value for the RCMP resistor are found in the Applications Information.
3837f
12
LT3837 APPLICATIONS INFORMATION
Primary Winding Feedback The previous work was developed using a separate winding for voltage feedback. It is possible to use the primary winding as the feedback winding as well. This can simplify the design of the transformer. When using the primary winding the feedback voltage will be added to the VIN voltage so: VFLYBK = VOUT + IOUT * ESR + RDS(ON) NSP Likewise the load compensation equation needs to be changed to use NSP instead of NSF so: RCMP = K1* RSENSE * (1- DC) * R1* NSF ESR + RDS(ON)
VFLYBK R1 VIN PRIMARY
(
)
* * SECONDARY
COUT
where NSP is the transformer effective secondary to primary winding turns ratio. Use the circuit of Figure 2 to get more accurate output regulation. In this case the regulation equations becomes: R1= R2 VOUT + IOUT * ESR + RDS(ON) - VBE * VFB NSP
LT3837 FB R2 PG
MP
MS
(
)
3837 F10
where VBE is the base emitter drop of the PNP (approximately 0.7V).
Figure 2
3837f
13
LT3837 APPLICATIONS INFORMATION
Transformer Design Transformer design/specification is the most critical part of a successful application of the LT3837. The following sections provide basic information about designing the transformer and potential tradeoffs. If you need help, the LTC Applications group is available to assist in the choice and/or design of the transformer. Turns Ratios The design of the transformer starts with determining duty cycle (DC). DC impacts the current and voltage stress on the power switches, input and output capacitor RMS currents and transformer utilization (size vs power). The ideal turns ratio is: V 1- DC NIDEAL = OUT * VIN DC Avoid extreme duty cycles as they, in general, increase current stresses. A reasonable target for duty cycle is 50% at nominal input voltage. For instance, if we wanted a 9V to 3.3V converter at 50% DC then: 3.3 1- 0.5 1 NIDEAL = * = 9 0.5 2.72 In general, better performance is obtained with a lower turns ratio. A DC of 52% yields a 1:3 ratio. Note the use of the external feedback resistive divider ratio to set output voltage provides the user additional freedom in selecting a suitable transformer turns ratio. Turns ratios that are the simple ratios of small integers; e.g., 1:1, 2:1, 3:2 help facilitate transformer construction and improve performance. When building a supply with multiple outputs derived through a multiple winding transformer, lower duty cycle can improve cross regulation by keeping the synchronous rectifier on longer, and thus, keep secondary windings coupled longer. For a multiple output transformer, the turns ratio between output windings is critical and affects the accuracy of the voltages. The ratio between two output voltages is set with the formula VOUT2 = VOUT1 * N21 where N21 is the turns ratio of between the two windings. Also keep the secondary MOSFET RDS(ON) small to improve cross regulation. Leakage Inductance Transformer leakage inductance (on either the primary or secondary) causes a spike after the primary side switch turn-off. This is increasingly prominent at higher load currents, where more stored energy is dissipated. Higher flyback voltage may break down the MOSFET switch if it has too low a BVDSS rating. One solution to reducing this spike is to use a snubber circuit to suppress the voltage excursion. However, suppressing the voltage extends the flyback pulse width. If the flyback pulse extends beyond the enable delay time, output voltage regulation is affected. The feedback system has a deliberately limited input range, roughly 50mV referred to the FB node. This rejects higher voltage leakage spikes because once a leakage spike is several volts in amplitude, a further increase in amplitude has little effect on the feedback system. So it is advisable to arrange the snubber circuit to clamp at as high a voltage as possible, observing MOSFET breakdown, such that leakage spike duration is as short as possible. Application Note 19 provides a good reference on snubber design. As a rough guide, total leakage inductances of several percent (of mutual inductance) or less may require a snubber, but exhibit little to no regulation error due to leakage spike behavior. Inductances from several percent up to perhaps ten percent cause increasing regulation error. Avoid double digit percentage leakage inductances as there is a potential for abrupt loss of control at high load current. This curious condition potentially occurs when the leakage spike becomes such a large portion of the flyback waveform that the processing circuitry is fooled into thinking that the leakage spike itself is the real flyback signal!
3837f
14
LT3837 APPLICATIONS INFORMATION
It then reverts to a potentially stable state whereby the top of the leakage spike is the control point, and the trailing edge of the leakage spike triggers the collapse detect circuitry. This typically reduces the output voltage abruptly to a fraction, roughly one-third to two-thirds of its correct value. Once load current is reduced sufficiently, the system snaps back to normal operation. When using transformers with considerable leakage inductance, exercise this worst-case check for potential bistability: 1. Operate the prototype supply at maximum expected load current. 2. Temporarily short-circuit the output. 3. Observe that normal operation is restored. If the output voltage is found to hang up at an abnormally low value, the system has a problem. This is usually evident by simultaneously viewing the primary side MOSFET drain voltage to observe firsthand the leakage spike behavior. A final note--the susceptibility of the system to bistable behavior is somewhat a function of the load current/voltage characteristics. A load with resistive--i.e., I = V/R behavior--is the most apt to be bistable. Capacitive loads that exhibit I = V2/R behavior are less susceptible. Secondary Leakage Inductance Leakage inductance on the secondary forms an inductive divider on the transformer secondary, reducing the size of the feedback flyback pulse. This increases the output voltage target by a similar percentage. Note that unlike leakage spike behavior, this phenomenon is independent of load. Since the secondary leakage inductance is a constant percentage of mutual inductance (within manufacturing variations), the solution is to adjust the feedback resistive divider ratio to compensate. Winding Resistance Effects Primary or secondary winding resistance acts to reduce overall efficiency (POUT/PIN). Secondary winding resistance increases effective output impedance degrading load regulation. Load compensation can mitigate this to some extent but a good design keeps parasitic resistances low. Bifilar Winding A bifilar or similar winding is a good way to minimize troublesome leakage inductances. Bifilar windings also improve coupling coefficients and thus improve cross regulation in multiple winding transformers. However, tight coupling usually increases primary-to-secondary capacitance and limits the primary-to-secondary breakdown voltage, so it isn't always practical. Primary Inductance The transformer primary inductance, LP, is selected based on the peak-to-peak ripple current ratio (X) in the transformer relative to its maximum value. As a general rule, keep X in the range of 50% to 70% ripple current (i.e., X = 0.5 to 0.7). Higher values of ripple will increase conduction losses, while lower values will require larger cores. Ripple current and percentage ripple is largest at minimum duty cycle; in other words, at the highest input voltage. LP is calculated from: LP
( VIN(MAX) * DCMIN )2 = ( VIN(MAX) * DCMIN )2 * Eff =
fOSC * XMAX * PIN fOSC * XMAX * POUT
where: fOSC is the osc frequency DCMIN is the DC at maximum input voltage XMAX is ripple current ratio at maximum input voltage Continuing with the 9V to 3.3V example, let us assume a 10A output, 9V to 18V input power with 88% efficiency. Using X = 0.7, and fOSC = 200kHz: 3.3 * 10 A = 37.5W 88% 1 1 = = 35.5% DCMIN = 1 18 N * VIN(MAX ) 1+ * 1+ 3 3.3 VOUT PIN = LP = 200kHz * 0.7 * 37.5W
(18V * 0.355)2
= 7.8H
3837f
15
LT3837 APPLICATIONS INFORMATION
Optimization might show that a more efficient solution is obtained at higher peak current but lower inductance and the associated winding series resistance. A simple spreadsheet program is useful for looking at tradeoffs. Transformer Core Selection Once LP is known, the type of transformer is selected. High efficiency converters use ferrite cores to minimize core loss. Actual core loss is independent of core size for a fixed inductance, but decreases as inductance increases. Since increased inductance is accomplished through more turns of wire, copper losses increase. Thus transformer design balances core and copper losses. Remember that increased winding resistance will degrade cross regulation and increase the amount of load compensation required. The main design goals for core selection are reducing copper losses and preventing saturation. Ferrite core material saturates hard, rapidly reducing inductance when the peak design current is exceeded. This results in an abrupt increase in inductor ripple current and, consequently, output voltage ripple. Do not allow the core to saturate! The maximum peak primary current occurs at minimum VIN: PIN IPK = VIN(MIN) * DCMAX now : DCMAX = 1+ 1 = N * VIN(MIN) VOUT 1 = 52.4% 19 1+ * 3 3.3 X * 1+ MIN 2 Multiple Outputs One advantage that the flyback topology offers is that additional output voltages can be obtained simply by adding windings. Designing a transformer for such a situation is beyond the scope of this document. For multiple windings, realize that the flyback winding signal is a combination of activity on all the secondary windings. Thus load regulation is affected by each windings load. Take care to minimize cross regulation effects. Setting Feedback Resistive Divider Use the equation developed in the Operation section for the feedback divider. It is recommended that the Thevenin impedance of the resistors on the FB Pin is roughly 3k for bias current cancellation and other reasons. For the example using primary winding sensing if ESR = 0.002 and RDSON = 0.004 then:
R1= 3k 3.3 + 10 * ( 0.002 + 0.004 - 0.7 = 22.75k * 1.237 (1 / 3)
(
)
So, choose 22.1k. Current Sense Resistor Considerations The external current sense resistor is used to control peak primary switch current, which controls a number of key converter characteristics including maximum power and external component ratings. Use a noninductive current sense resistor (no wire-wound resistors). Mounting the resistor directly above an unbroken ground plane connected with wide and short traces keeps stray resistance and inductance low. The dual sense pins allow for a fully Kelvined connection. Make sure that SENSE+ and SENSE- are isolated and connect close to the sense resistor to preserve this. Peak current occurs at 98mV of sense voltage VSENSE. So the nominal sense resistor is VSENSE/IPK. For example, a peak switch current of 10A requires a nominal sense resistor of 0.010. Note that the instantaneous peak power in the sense resistor is 1W, and that it is rated accordingly. The use of parallel resistors can help achieve low resistance, low parasitic inductance and increased power capability.
3837f
XMIN
( VIN(MIN) * DCMAX )2 = =
fOSC * LP * PIN = 0.380
200kHz * 7.8H * 37.5W
(9 * 0.52)2
Using the example numbers leads to: IPK = 37.5W 0.380 * 1+ = 9.47 A 2 9 V * 0.524
16
LT3837 APPLICATIONS INFORMATION
Size RSENSE using worst-case conditions, minimum LP, VSENSE and maximum VIN. Continuing the example, let us assume that our worst-case conditions yield an IPK 10% above nominal so IPK = 10.41A . If there is a 5% tolerance on RSENSE and minimum VSENSE = 80mV, then RSENSE * 105% = 88mV/10.41A and nominal RSENSE = 8.05m. Round to the nearest available lower value 8.0m. Selecting the Load Compensation Resistor The expression for RCMP was derived in the Operation section for primary winding sensing as: RCMP = K1* RSENSE * (1- DC) * R1 * NSP = RS(OUT) ESR + RDS(ON) 3. Calculate a value for the K1 constant based on VIN, VOUT and the measured (differential) efficiency. 4. Compute: RCMP = K1* RSENSE * R1* NSP orNSF RS(OUT)
5. Verify this result by connecting a resistor of this value from the RCMP pin to ground. 6. Disconnect the ground short to CCMP and connect the requisite 0.1F filter capacitor to ground. Measure the output impedance RS(OUT) = VOUT/IOUT with the new compensation in place. RS(OUT) should have decreased significantly. Fine tuning is accomplished experimentally by slightly altering RCMP. A revised estimate for RCMP is: RS(OUT)CMP R = RCMP * 1+ CMP RS(OUT) where RCMP is the new value for the load compensation resistor, RS(OUT)CMP is the output impedance with RCMP in place and RS(OUT) is the output impedance with no load compensation (from step 2). Setting Frequency The switching frequency of the LT3837 is set by an external capacitor connected between the OSC pin and ground. Recommended values are between 200pF and 33pF, yielding switching frequencies between 50kHz and 250kHz. Figure 3 shows the nominal relationship between external capacitance and switching frequency. Place the capacitor as close as possible to the IC and minimize OSC trace length and area to minimize stray capacitance and potential noise pickup. You can synchronize the oscillator frequency to an external frequency. This is done with a signal on the SYNC pin. Set the LT3837 frequency 10% slower than the desired external frequency using the OSC pin capacitor, then use a pulse on the SYNC pin of amplitude greater than 2V and with the desired period. The rising edge of the SYNC signal initiates an OSC capacitor discharge forcing primary MOSFET off (PG voltage goes low). If the oscillator frequency is much different from the sync frequency, problems may occur
3837f
Continuing the example: V 3.3 K1= OUT = = 0.417 VIN * Eff 9 ( 88%) If ESR = 0.002 and RDS(ON) = 0.004
8.0m * (1- 0.52) * 22.1k * 0.33 RCMP = 0.417 * 0.002 + 0.004 = 1.93k
This value for RCMP is a good starting point, but empirical methods are required for producing the best results. This is because several of the required input variables are difficult to estimate precisely. For instance, the ESR term above includes that of the transformer secondary, but its effective ESR value depends on high frequency behavior, not simply DC winding resistance. Similarly, K1 appears as a simple ratio of VIN to VOUT times (differential) efficiency, but theoretically estimating efficiency is not a simple calculation. The suggested empirical method is as follows: 1. Build a prototype of the desired supply including the actual secondary components. 2. Temporarily ground the CCMP pin to disable the load compensation function. Measure output voltage while sweeping output current over the expected range. Approximate the voltage variation as a straight line, VOUT/IOUT = RS(OUT).
17
LT3837 APPLICATIONS INFORMATION
with slope compensation and system stability. Keep the sync pulse width greater than 500ns. Selecting Timing Resistors There are three internal "one-shot" times that are programmed by external application resistors: minimum on-time, enable delay time and primary MOSFET turn-on delay. These are all part of the isolated flyback control technique, and their functions are previously outlined in the Theory of Operation section. The following information should help in selecting and/or optimizing these timing values. Minimum On-Time (tON(MIN)) Minimum on-time is the programmable period during which current limit is blanked (ignored) after the turn on of the primary side switch. This improves regulator performance by eliminating false tripping on the leading edge spike in the switch, especially at light loads. This spike is due to both the gate/source charging current and the discharge of drain capacitance. The isolated flyback sensing requires a pulse to sense the output. Minimum on-time ensures that there is always a signal to close the feedback loop. The LT3837 does not employ cycle skipping at light loads. Therefore, minimum on-time along with synchronous rectification sets the switch over in forced continuous mode operation. The tON(MIN) resistor is set with the following equation: 1.063 Keep RtON(MIN) greater than 70k. A good starting value is 160k. R tON(MIN) (k) = tON(MIN)(ns) - 104
fOSC (kHz) 100 300 200
50 30
100 COSCAP (pF)
200
3837 F02
Figure 3. fOSC vs OSC Capacitor Values
Enable Delay Time (ENDLY) Enable delay time provides a programmable delay between turn-off of the primary gate drive node and the subsequent enabling of the feedback amplifier. As discussed earlier, this delay allows the feedback amplifier to ignore the leakage inductance voltage spike on the primary side. The worst-case leakage spike pulse width is at maximum load conditions. So set the enable delay time at these conditions. While the typical applications for this part use forced continuous operation, it is conceivable that a secondaryside controller might cause discontinuous operation at light loads. Under such conditions the amount of energy stored in the transformer is small. The flyback waveform becomes "lazy" and some time elapses before it indicates the actual secondary output voltage. The enable delay time should be made long enough to ignore the "irrelevant" portion of the flyback waveform at light load. Even though the LT3837 has a robust gate drive, the gate transition-time slows with very large MOSFETs. Increase delay time is as required when using such MOSFETs. The enable delay resistor is set with the following equation: tENDLY (ns) - 30 2.616 Keep RENDLY greater than 40k. A good starting point is 56k. RENDLY (k) =
3837f
18
LT3837 APPLICATIONS INFORMATION
Primary Gate Delay Time (PGDLY) Primary gate delay is the programmable time from the turn-off of the synchronous MOSFET to the turn-on of the primary side MOSFET. Correct setting eliminates overlap between the primary side switch and secondary side synchronous switch(es) and the subsequent current spike in the transformer. This spike will cause additional component stress and a loss in regulator efficiency. The primary gate delay resistor is set with the following equation: RPGDLY (k) = tPGDLY (ns) + 47 9.01 UVLO Pin Function The UVLO pin provides a user programming undervoltage lockout. This is usually used to provide undervoltage lockout based on VIN. The gate drivers are disabled when UVLO is below the 1.24V UVLO threshold. An external resistive divider between the input supply and ground is used to set the turn-on voltage. The bias current on this pin depends on the pin voltage and UVLO state. The change provides the user with adjustable UVLO hysteresis. When the pin rises above the UVLO threshold a small current is sourced out of the pin, increasing the voltage on the pin. As the pin voltage drops below this threshold, the current is stopped, further dropping the voltage on UVLO. In this manner, hysteresis is produced.
VIN IUVLO VIN RA RB UVLO LT3837 VIN RA RB UVLO LT3837 CUVLO RB
3837 F03
A good starting point is 27k. Soft-Start Functions The LT3837 contains an optional soft-start function that is enabled by connecting an external capacitor between the SFST pin and ground. Internal circuitry prevents the control voltage at the VC pin from exceeding that on the SFST pin. There is an initial pull-up circuit to quickly bring the SFST voltage to approximately 0.8V. From there it charges to approximately 2.8V with a 20A current source. The SFST node is then discharged to 0.8V when a fault occurs. A fault is VCC too low (undervoltage lockout), current sense voltage greater than 200mV or the IC's thermal (overtemperature) shutdown is tripped. When SFST discharges, the VC node voltage is also pulled low to below the minimum current voltage. Once discharged, the SFST recharges up again. In this manner, switch currents are reduced and the stresses in the converter are reduced during fault conditions. The time it takes to fully charge soft-start is: C * 1.4V t SS = SFST = 70ms * CSFST (F) 20A
IUVLO
RA1 RA2 UVLO
(3a) UV Turning ON
(3b) UV Turning OFF
(3c) UV Filtering
Figure 4
Referring to Figure 4, the voltage hysteresis at VIN is equal to the change in bias current times RA. The design procedure is to select the desired VIN referred voltage hysteresis, VUVHYS. Then: RA = where: IUVLO = IUVLOL - IUVLOH is approximately 3.4A RB is then selected with the desired turn-on voltage: RB = VIN(ON) - 1 V UVLO RA VUVHYS IUVLO
3837f
19
LT3837 APPLICATIONS INFORMATION
If we wanted a VIN-referred trip point of 8.4V, with 0.3V of hysteresis (on at 8.4V, off at 8.1V): 0.3V = 88.2k, use 86.6k 3.4A 86.6k RB = = 14.99k, use 15k 8.4V 1.24V - 1 RA = Even with good board layout, board noise may cause problems with UVLO. You can filter the divider but keep large capacitance off the UVLO node because it will slow the hysteresis produced from the change in bias current. Figure 4c shows an alternate method of filtering by splitting the RA resistor with the capacitor. The split should put more of the resistance on the UVLO side. Control Loop Compensation Loop frequency compensation is performed by connecting a capacitor network from the output of the feedback amplifier (VC pin) to ground as shown in Figure 5. Because of the sampling behavior of the feedback amplifier, compensation is different from traditional current mode switcher controllers. Normally only CVC is required. RVC can be used to add a "zero" but the phase margin improvement traditionally offered by this extra resistor is usually already accomplished by the nonzero secondary circuit impedance. CVC2 can be used to add an additional high frequency pole and is usually sized at 0.1 times CVC.
VC 9 CVC2 RVC CVC
3825 F05
AN19 provides a method for empirically tweaking frequency compensation. Basically, it involves introducing a load current step and monitoring the response. Slope Compensation This part incorporates current slope compensation. Slope compensation is required to ensure current loop stability when the DC is greater than 50%. In some switcher controllers, slope compensation reduces the maximum peak current at higher duty cycles. The LT3837 eliminates this need by having circuitry that compensates for the slope compensation so that maximum current sense voltage is constant across all duty cycles. Minimum Load Considerations At light loads, the LT3837 derived regulator goes into forced continuous conduction mode. The primary side switch always turns on for a short time as set by the tON(MIN) resistor. If this produces more power than the load requires, power will flow back into the primary during the "off" period when the synchronization switch is on. This does not produce any inherently adverse problems, though light load efficiency is reduced. Maximum Load Considerations The current mode control uses the VC node voltage and amplified sense resistor voltage as inputs to the current comparator. When the amplified sense voltage exceeds the VC node voltage, the primary side switch is turned off. In normal use, the peak switch current increases while FB is below the internal reference. This continues until VC reaches its 2.56V clamp. At clamp, the primary side MOSFET will turn off at the rated 98mV VSENSE level. This repeats on the next cycle. It is possible for the peak primary switch currents as referred across RSENSE to exceed the max 98mV rating because of the minimum switch on time blanking. If the voltage on VSENSE reaches 206mV after the minimum turn-on time, the SFST capacitor is discharged, which also discharges the VC capacitor. This then reduces the peak current on the next cycle and will reduce overall stress in the primary switch.
3837f
Figure 5. VC Compensation Network
In further contrast to traditional current mode switchers,VC pin ripple is generally not an issue with the LT3837. The dynamic nature of the clamped feedback amplifier forms an effective track/hold type response, whereby the VC voltage changes during the flyback pulse, but is then "held" during the subsequent "switch on" portion of the next cycle. This action naturally holds the VC voltage stable during the current comparator sense action (current mode switching).
20
LT3837 APPLICATIONS INFORMATION
Short-Circuit Conditions Loss of current limit is possible under certain conditions such as an output short circuit. If the duty cycle exhibited by the minimum on-time is greater than the ratio of secondary winding voltage (referred-to-primary) divided by input voltage, then peak current is not controlled at the nominal value. It ratchets up cycle-by-cycle to some higher level. Expressed mathematically, the requirement to maintain short-circuit control is: DCMIN = tON(MIN) * fOSC < where: tON(MIN) = primary side switch minimum on-time ISC = short-circuit output current Other variables as previously defined. Trouble is typically encountered only in applications with a relatively high product of input voltage times secondaryto-primary turns ratio and/or a relatively long minimum switch on time. Additionally, several real world effects such as transformer leakage inductance, AC winding losses, and output switch voltage drop combine to make this simple theoretical calculation a conservative estimate. Prudent design evaluates the switcher for short-circuit protection and adds any additional circuitry to prevent destruction. Output Voltage Error Sources The LT3837's feedback sensing introduces additional sources of errors. The following is a summary list. The internal bandgap voltage reference sets the reference voltage for the feedback amplifier. The specifications detail its variation. The external feedback resistive divider ratio proportional directly affects regulated voltage. Use 1% components. Leakage inductance on the transformer secondary reduces the effective secondary-to-feedback winding turns ratio (NS/NF) from its ideal value. This increases the output voltage target by a similar percentage. Since secondary leakage inductance is constant from part to part (with a tolerance) adjust the feedback resistor ratio to compensate. ISC * RSEC + RDS(ON) VIN * NSP The transformer secondary current flows through the impedances of the winding resistance, synchronous MOSFET RDS(ON) and output capacitor ESR. The DC equivalent current for these errors is higher than the load current because conduction occurs only during the converter's "off" time. So divide the load current by (1 - DC). If the output load current is relatively constant, the feedback resistive divider is used to compensate for these losses. Otherwise, use the LT3837 load compensation circuitry (see Load Compensation). If multiple output windings are used, the flyback winding will have a signal that represents an amalgamation of all these windings impedances. Take care that you examine worst-case loading conditions when tweaking the voltages. Power MOSFET Selection The power MOSFETs are selected primarily on the criteria of "on" resistance RDS(ON), input capacitance, drain-tosource breakdown voltage (BVDSS), maximum gate voltage (VGS) and maximum drain current (ID(MAX)). For the primary-side power MOSFET, the peak current is: IOUT X IPK = * 1+ MIN 1- DCMAX 2 where X is peak-to-peak current ratio as defined earlier. For each secondary-side power MOSFET, the peak current is: IPK = IOUT X * 1+ MIN 1- DCMAX 2
(
)
Select a primary-side power MOSFET with a BVDSS greater than: BVDSS IPK VOUT(MAX ) LLKG + VIN(MAX ) + CP NSP
3837f
21
LT3837 APPLICATIONS INFORMATION
where NSP reflects the turns ratio of that secondary-to-primary winding. LLKG is the primary-side leakage inductance and CP is the primary-side capacitance (mostly from the COSS of the primary-side power MOSFET). A snubber may be added to reduce the leakage inductance spike as discussed earlier. For each secondary-side power MOSFET, the BVDSS should be greater than: BVDSS VOUT + VIN(MAX) * NSP Choose the primary side MOSFET RDS(ON) at the nominal gate drive voltage (7.5V). The secondary side MOSFET gate drive voltage depends on the gate drive method. Primary side power MOSFET RMS current is given by: IRMSPRI = PIN VIN(MIN) DCMAX The curve is done for a given VDS. The Miller capacitance for different VDS voltages are estimated by multiplying the computed CMILLER by the ratio of the application VDS to the curve specified VDS. With CMILLER determined, calculate the primary-side power MOSFET power dissipation: PDPRI = IRMS(PRI)2 * RDS(ON) (1+ ) + VIN(MAX ) * where: RDR is the gate driver resistance approximately 10 VTH is the MOSFET gate threshold voltage fOSC is the operating frequency. (1 + ) is generally given for a MOSFET in the form of a normalized RDS(ON) vs temperature curve. If you don't have a curve, use = 0.005/C as an estimate. The secondary-side power MOSFETs typically operate at substantially lower VDS, so you can neglect transition losses. The dissipation is calculated using: PD(SEC) = IRMS(SEC)2 * RDS(ON)(1 + ) With power dissipation known, the MOSFETs' junction temperatures are obtained from the equation: TJ = TA + PD * JA where TA is the ambient temperature and JA is the MOSFET junction to ambient thermal resistance. Once you have TJ, iterate your calculations recomputing , power dissipations until convergence.
3825 F06
PIN(MAX ) DCIN
* RDR *
CMILLER *f VGATE(MAX ) - VTH OSC
For each secondary-side power MOSFET RMS current is given by: IRMSSEC = IOUT 1- DCMAX
Calculate MOSFET power dissipation next. Because the primary-side power MOSFET may operate at high VDS, a transition power loss term is included for accuracy. CMILLER is the most critical parameter in determining the transition loss, but is not directly specified on the data sheets. CMILLER is calculated from the gate charge curve included on most MOSFET data sheets (Figure 6).
VGS a QA MILLER EFFECT b QB
GATE CHARGE (QG)
Gate Drive Node Consideration The PG and SG gate drivers are strong drives to minimize gate drive rise and fall times. This improves efficiency but the high frequency components of these signals can cause problems. Keep the traces short and wide to reduce parasitic inductance.
Figure 6. Gate Charge Curve
The flat portion of the curve is the result of the Miller (gate-to-drain) capacitance as the drain voltage drops. The Miller capacitance is computed as: CMILLER = QB - Q A VDS
3837f
22
LT3837 APPLICATIONS INFORMATION
The parasitic inductance creates an LC tank with the MOSFET gate capacitance. In less than ideal layouts, a series resistance of 5 or more may help to dampen the ringing at the expense of slightly slower rise and fall times and efficiency. The LT3837 gate drives will clamp the max gate voltage to roughly 7.5V, so you can safely use MOSFETs with max VGS of 10V or larger. Synchronous Gate Drive There are several different ways to drive the synchronous gate MOSFET. Full converter isolation requires the synchronous gate drive to be isolated. This is usually accomplished by way of a pulse transformer. Usually the pulse driver is used to drive a buffer on the secondary as shown in the application on the front page of this data sheet. However, other schemes are possible. There are gate drivers and secondary side synchronous controllers available that provide the buffer function as well as additional features. Capacitor Selection In a flyback converter, the input and output current flows in pulses, placing severe demands on the input and output filter capacitors. The input and output filter capacitors are selected based on RMS current ratings and ripple voltage. Select an input capacitor with a ripple current rating greater than: IRMS = VIN(MIN) PIN 1- DCMAX DCMAX The output capacitor is sized to handle the ripple current and to ensure acceptable output voltage ripple. The output capacitor should have an RMS current rating greater than: IRMS = IOUT DCMAX 1- DCMAX
Continuing the example: : 52.4% = 10.5A 1- 52.4% This is calculated for each output in a multiple winding application. IRMS = 10 A ESR and ESL along with bulk capacitance directly affect the output voltage ripple. The waveforms for a typical flyback converter are illustrated in Figure 7.
PRIMARY CURRENT IPRI
SECONDARY CURRENT
IPRI N
VCOUT OUTPUT VOLTAGE RIPPLE WAVEFORM VESR
RINGING DUE TO ESL
3825 F07
Figure 7. Typical Flyback Converter Waveforms
Continuing the example: 37.5W 1- 52.4% = 3.97 A 9V 52.4% Input capacitor series resistance (ESR) and inductance (ESL) need to be small as they affect electromagnetic interference suppression. In some instances, high ESR can also produce stability problems because flyback converters exhibit a negative input resistance characteristic. Refer to Application Note 19 for more information. IRMS =
The maximum acceptable ripple voltage (expressed as a percentage of the output voltage) is used to establish a starting point for the capacitor values. For the purpose of simplicity we will choose 2% for the maximum output ripple, divided equally between the ESR step and the charging/discharging V. This percentage ripple changes, depending on the requirements of the application. You can modify the following equations. For a 1% contribution to the total ripple voltage, the ESR of the output capacitor is determined by: ESRCOUT 1% * VOUT * (1- DCMAX ) IOUT
3837f
23
LT3837 APPLICATIONS INFORMATION
The other 1% is due to the bulk C component, so use: COUT IOUT 1% * VOUT * fOSC Circuit simulation is a way to optimize output capacitance and filters, just make sure to include the component parasitics. LTC SwitcherCADTM is a terrific free circuit simulation tool that is available at www.linear.com. Final optimization of output ripple must be done on a dedicated PC board. Parasitic inductance due to poor layout can significantly impact ripple. Refer to the PC Board Layout section for more details. IC Thermal Considerations Take care to ensure that the LT3837 junction temperature does not exceed 125C. Power is computed from the average supply current, the sum of quiescent supply current (ICC in the specifications) plus gate drive currents. The primary gate drive current is computed as: fOSC * QG where QG is the total gate charge at max VGS (obtained from the gate charge curve) and f is the switching frequency. Since the synchronous driver is usually driving a capacitive load, the power dissipation is: fOSC * CS * VSGMAX where CS is the SG capacitive load and VSGMAX is the SG pin max voltage. So total IC dissipation is computed as:
VOUT COUT 470F COUT2 1F
3837 F08
In many applications the output capacitor is created from multiple capacitors to achieve desired voltage ripple, reliability and cost goals. For example, a low ESR ceramic capacitor can minimize the ESR step, while an electrolytic capacitor satisfies the required bulk C. Continuing our example, the output capacitor needs: 3.3V * (1- 52.4%) = 1.6m 10 A 10 A COUT = 1515F 1% * 3.3 * 200kHz These electrical characteristics require paralleling several low ESR capacitors possibly of mixed type. ESRCOUT 1% * Most capacitor ripple current ratings are based on 2000 hour life. This makes it advisable to derate the capacitor or to choose a capacitor rated at a higher temperature than required. One way to reduce cost and improve output ripple is to use a simple LC filter. Figure 8 shows an example of the filter.
L1 0.1H FROM SECONDARY WINDING C1 47F x3
RLOAD
PD(TOTAL) = VCC * (ICC + f *(QGPRI + CS * VSGMAX)) VCC is the worst-case LT3837 supply voltage. Junction temperature is computed as: TJ = TA + PD * JA where: TA is the ambient temperature JA is the FE16 package junction-to-ambient thermal impedance (40C/W).
Figure 8
The design of the filter is beyond the scope of this data sheet. However, as a starting point, use these general guide lines. Start with a COUT 1/4 the size of the nonfilter solution. Make C1 1/4 of COUT to make the second filter pole independent of COUT. The smaller C1 may be best implemented with multiple ceramic capacitors. Make L1 smaller than the output inductance of the transformer. In general, a 0.1H filter inductor is sufficient. Add a small ceramic capacitor (COUT2) for high frequency noise on VOUT. For those interested in more details refer to "Second-Stage LC Filter Design," Ridley, Switching Power Magazine, July 2000, p8-10.
3837f
24
LT3837 APPLICATIONS INFORMATION
PC Board Layout Considerations In order to minimize switching noise and improve output load regulation, connect the GND pin of the LT3837 directly to the ground terminal of the VCC decoupling capacitor, the bottom terminal of the current sense resistor, the ground terminal of the input capacitor, and the ground plane (multiple vias). Place the VCC capacitor immediately adjacent to the VCC and GND pins on the IC package. This capacitor carries high di/dt MOSFET gate drive currents. Use a low ESR ceramic capacitor. Take care in PCB layout to keep the traces that conduct high switching currents short, wide and with minimal overall loop area. These are typically the traces associated with the switches. This reduces the parasitic inductance and also minimizes magnetic field radiation. Figure 9 outlines the critical paths. Keep electric field radiation low by minimizing the length and area of traces (keep stray capacitances low). The drain of the primary side MOSFET is the worst offender in this category. Always use a ground plane under the switcher circuitry to prevent coupling between PCB planes. Check that the maximum BVDSS ratings of the MOSFETs are not exceeded due to inductive ringing. This is done by viewing the MOSFET node voltages with an oscilloscope. If it is breaking down either choose a higher voltage device, add a snubber or specify an avalanche-rated MOSFET. Place the small-signal components away from high frequency switching nodes. This allows the use of a pseudoKelvin connection for the signal ground, where high di/dt gate driver currents flow out of the IC ground pin in one direction (to the bottom plate of the VCC decoupling capacitor) and small-signal currents flow in the other direction. Keep the trace from the feedback divider tap to the FB short to preclude inadvertent pickup. For applications with multiple switching power converters connected to the same input supply, make sure that the input filter capacitor for the LTC3837 is not shared with other converters. AC input current from another converter could cause substantial input voltage ripple and this could interfere with the LT3837 operation. A few inches of PC trace or wire (L 100nH) between the CIN of the LT3837 and the actual source VIN is sufficient to prevent current sharing problems.
SwitcherCAD is a trademark of Linear Technology Corporation.
T1
VCC
CVCC
VIN
GATE TURN-ON
* * *
LT3825 VCC PG GND
MP
CVIN
GATE TURN-OFF
RSENSE
OUT COUT
VCC
LT3825 VCC SG GND
CR
Q4
GATE TURN-ON
*
T2
*
Q3
GATE TURN-OFF
MS
3837 F09
Figure 9. High Current Paths
3837f
25
LT3837 U
9V - 36V to 3.3V at 10A Isolated Converter
FP2S-100-R 0.1 H 1/2 10k MMBT3904 10 F 7.5V 0.1 F 20 BAS70 6 1nF T1 100k 1% B0540W 10 470pF 39
TYPICAL APPLICATIO
VIN 9V TO 36V
*
T1 7/8/9
VOUT 3.3V AT 10A 220 F 6TPE220MI
3/4
47 F
3
* 10/11/12
*
29.4k 1% FB UVLO VCC LT3837 5 SG SG PG SENSE+
Si4896DY 4.7 Si7336ADP 8m SENSE- VC GND SFST CCMP SG 330 0.1 F 1nF 2.2nF 15 1F
17.4k 1%
3.01k 1% 12k
PGDLY tON SYNC RCMP ENDLY 100k
OSC
3.3nF 20k
1.37k 1%
150k 47pF 0.1 F
*
PA0184
*
BAT54 10k
3837 TA05
T1: EFD20-3F3 (LP = 5 H) PIN 5 TO 6, 7T OF 32AWG PIN 2 TO 4, 6T OF 4 PIN 1 TO 3, 6T OF 4 25AWG 25AWG TAPE PIN 10/11/12 TO 7/8/9, 2T OF 7MIL CU FOIL
3837f
26
LT3837 PACKAGE DESCRIPTION
FE Package 16-Lead Plastic TSSOP (4.4mm) (Reference LTC DWG # 05-08-1663) Exposed Pad Variation BC
4.90 - 5.10* (.193 - .201) 3.58 (.141) 16 1514 13 12 1110 6.60 0.10 4.50 0.10
SEE NOTE 4
3.58 (.141)
9
2.94 (.116) 0.45 0.05 1.05 0.10 0.65 BSC
6.40 2.94 (.252) (.116) BSC
RECOMMENDED SOLDER PAD LAYOUT
12345678 1.10 (.0433) MAX
0 - 8
4.30 - 4.50* (.169 - .177)
0.25 REF
0.09 - 0.20 (.0035 - .0079)
0.50 - 0.75 (.020 - .030)
0.65 (.0256) BSC
NOTE: 1. CONTROLLING DIMENSION: MILLIMETERS MILLIMETERS 2. DIMENSIONS ARE IN (INCHES) 3. DRAWING NOT TO SCALE
0.195 - 0.30 (.0077 - .0118) TYP
0.05 - 0.15 (.002 - .006)
FE16 (BC) TSSOP 0204
4. RECOMMENDED MINIMUM PCB METAL SIZE FOR EXPOSED PAD ATTACHMENT *DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.150mm (.006") PER SIDE
3837f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
27
LT3837 RELATED PARTS
PART NUMBER LT3825 LT1424-5 LT1424-9 LT1425 LTC1698 LT1725 LT1737 LTC1871 LTC3710 LT3781/LT1698 LTC3803 LTC3806 DESCRIPTION Isolated Synchronous Flyback Controller with Wide Input Supply Range Isolated Flyback Switching Regulator Isolated Flyback Switching Regulator Isolated Flyback Switching Regulator Isolated Secondary Synchronous Rectifier Controller General Purpose High Power Isolated Flyback Controller High Power Isolated Flyback Controller Wide Input Range Current Mode No RSENSETM Controller Secondary Side Synchronous Post Regulator 36V to 72V Input Isolated DC/DC Converter Chipset SOT-23 Flyback Controller Synchronous Flyback DC/DC Controller COMMENTS Suitable for Telecom or Offline Input Voltage 5V Output Voltage, No Optoisolator Required 9V Output Voltage, Regulation Maintained Under Light Loads No Third Winding or Optoisolator Required Isolated Power Supplies, Contains Voltage Merging, Optocoupler Driver, Primary Synchronization Circuit Suitable for Telecom or Offline Input Voltage Powered from a DC Supply Voltage 50kHz to 1MHz, Boost, Flyback and SEPIC Topology Generates a Regulated Auxiliary Output in Isolated DC/DC Converters. Dual N-Channel MOSFET Synchronous Drivers Synchronous Operation: Overvoltage/Undervoltage Protection, 10W to 100W Power Supply, 1/2 to 1/4 Brick Footprint Adjustable Slope Compensation, Internal Soft-Start, 200kHz Medium Power Multiple Outputs, 250kHz Soft-Start
No RSENSE is a trademark of Linear Technology Corporation.
3837f
28 Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507
LT 0406 * PRINTED IN USA
www.linear.com
LINEAR TECHNOLOGY CORPORATION 2006


▲Up To Search▲   

 
Price & Availability of LT3837NBSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X